PART |
Description |
Maker |
60S05-13 |
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
|
Micro Commercial Compon...
|
6A8G 6A2G 6A6G 6A4G 6A10G |
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
|
Shenzhen Taychipst Electronic Co., Ltd
|
GH60-01 GH60-06 GH60-10 GH60-02 GH60-005 |
6A GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
|
Frontier Electronics.
|
NSF8MT NSF8AT NSF8BT NSF8DT NSF8GT NSF8JT NSF8KT |
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
|
GE[General Semiconductor]
|
MSB20A |
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
|
HY ELECTRONIC CORP.
|
CR5-060 CR5-080 CR5-020 CR5-010 CR5-100 CR5-040 CR |
GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 5.0 AMP, 100 THRU 1200 VOLTS
|
Central Semiconductor Corp Central Semiconductor C...
|
FB1006 FB1010 FB1010L FB1009L FB1000 FB1000L FB100 |
10 Amp. Glass Passivated Bridge Rectifier 10安培。玻璃钝化整流桥 Bridge Rectifiers (Power) 桥式整流器(电力 10 Amp Glass Passivated Bridge Rectifier 10 Amp.Glass Passivated bridge rectifier
|
Fagor Electronics Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
15SMC68A 1.5SMC10A 1.5SMC100A 1.5SMC8.2A 1.5SMC6.8 |
TVS: Unidirectional Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?9.1V,????荤???????????靛?????? UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,单向玻璃钝化节点瞬变电压抑制 FLK 14/EZ-DR/1000 KONFEK Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压6.8V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,单向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS
|
Taiwan Semiconductor Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
CPD0510 |
General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
CR3-100GPP CR3-005GPP CR3-010GPP CR3-020GPP CR3-04 |
GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 3.0 AMP 50 THRU 1000VOLTS 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD Leaded Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
GL34K |
MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
美丽微半导体有限公司
|